Part Number Hot Search : 
FMLG22 0P1F0 PZM20N CA3080AE HC125 02M186RP AD8602AR IDM37SH5
Product Description
Full Text Search
 

To Download EU2-EU2Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EU2 - EU2Z
PRV : 200 - 600 Volts Io : 1.0 Ampere
FEATURES :
* * * * * * * High current capability High surge current capability High reliability Low reverse current Low forward voltage drop Fast switching for high efficiency Pb / RoHS Free
FAST RECOVERY RECTIFIER DIODES
DO - 41
0.107 (2.7) 0.080 (2.0)
1.00 (25.4) MIN.
0.205 (5.2) 0.166 (4.2)
MECHANICAL DATA :
* Case : DO-41 Molded plastic * Epoxy : UL94V-O rate flame retardant * Lead : Axial lead solderable per MIL-STD-202, Method 208 guaranteed * Polarity : Color band denotes cathode end * Mounting position : Any * Weight : 0.339 gram
0.034 (0.86) 0.028 (0.71)
1.00 (25.4) MIN.
Dimensions in inches and ( millimeters )
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
RATING
Maximum Peak Reverse Voltage Maximum Peak Reverse Surge Voltage Maximum Average Forward Current Maximum Peak Forward Surge Current
SYMBOL
VRM VRSM IF(AV) IFSM
EU2Z
200 250
EU2
400 450 1.0 15 1.4 10 300 0.4 - 40 to + 150 - 40 to + 150
EU2A
600 650
UNIT
V V A A V A A s C C
( 50 Hz, Half-cycle, Sine wave, Single Shot ) Maximum Forward Voltage at IF = 1.0 A Maximum Reverse Current at VR = VRM Maximum Reverse Current at VR = VRM Ta = 25 C Ta = 100 C VF IR IR(H) Trr TJ TSTG
Maximum Reverse Recovery Time ( Note 1 ) Junction Temperature Range Storage Temperature Range
Notes :
( 1 ) Reverse Recovery Test Conditions : IF = 10 mA, IRP = 10 mA.
Page 1 of 2
Rev. 01 : April 2, 2002
RATING AND CHARACTERISTIC CURVES ( EU2 - EU2Z )
FIG.1 - REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
100 F
specimen 0.1 IRP
200S NOTE : IF = IRP = 10 mA TO 1 mA
10 mA IRP
20S
100
10mA IF
Trr
FIG.2 - DERATING CURVE FOR OUTPUT RECTIFIED CURRENT AVERAGE FORWARD OUTPUT CURRENT, AMPERES
1.0 15
FIG.3 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PEAK FORWARD SURGE CURRENT, AMPERES
0.8
12
0.6
9
0.4
6
0.2
3
0
0
25
50
75
100
125
150
175
0
1
2
4
6
10
20
40
60
100
AMBIENT TEMPERATURE, ( C) FIG.4 - TYPICAL FORWARD CHARACTERISTICS REVERSE CURRENT, MICROAMPERES
NUMBER OF CYCLES AT 50Hz
FIG.5 - TYPICAL REVERSE CHARACTERISTICS
10
10 TJ = 100 C
FORWARD CURRENT, AMPERES
1.0
Ta = 25 C
1.0
0.1
0.1 TJ = 25 C
0.01
0.01 0 20 40 60 80 100 120 140
PERCENT OF RATED REVERSE VOLTAGE, (%)
0.001 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
FORWARD VOLTAGE, VOLTS
Page 2 of 2
Rev. 01 : April 2, 2002


▲Up To Search▲   

 
Price & Availability of EU2-EU2Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X